Part Number Hot Search : 
EE08523 TP8472BP MAC97A 74ACT521 JPM160 GRM21B MC675 JPM160
Product Description
Full Text Search
 

To Download 100203070001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  abspulrichtung - reel off direction anschlussbereich verzinnt 4-6 m terminal area 4-6 m tin plating koplanarit?t der anschlsse 0,1 mm coplanarity area of termination anforderungsstufe 1 performance level 1 kontaktbereich vergoldet mating area gold plating 0,1 mm 330 verpackt in gurtverpackung tape on reel packaging verpackungseinheit: 650 stck packaging unit: 650 pcs 0,03 15,85 5,25 17,78 14,54 13,54 1,98 7 5,6 5 0,99 1,27 9 x 1,27 = 11,43 ansaughaube hood kontaktbezeichnung contact marking 15,68 2,5 -0,2 +0,1 3,5 2,93 0,75 -0,05 6,1 1,5 -0,03 leiterplatten-layout fr smt pcb-layout for smt kontaktbezeichnung bei pin 1 contact marking at pin 1 2,6 1,45 0,3 1,2 0,03 0,03 15,85 1,27 2 2,21 7,4 -0,03 1,6 0,8 9 x 1,27 = 11,43 pos. 1 32 12 ohne ansaughaube - without hood srcp index 100203070001 k copyright by erni gmbh scale prior notice. before using. enlarged solder pads proprietary notice pursuant to iso 16016 to be observed. 5:1 m 1,27 src p, 10-polig ba1 subject to modification without a3 b in mm all dimensions 14.02.2013 tolerances version of this drawing, please drawing will not be updated. designation contact one of the erni companies class www.erni.com all rights reserved. only for information. to ensure that this is the latest information: vergr?sserte l?tpads - date


▲Up To Search▲   

 
Price & Availability of 100203070001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X